PART |
Description |
Maker |
THM321020S-10 THM321020S-80 THM321020SG-10 THM3210 |
Chip-on-Glass (COG) Technology, 16 Characters x 2 Lines 1048576 WORDS x 32 BIT DYNAMIC RAM MODULE 1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE 1/048/576 WORDS x 32 BIT DYNAMIC RAM MODULE
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
GM71CS17403C GM71CS17403C-5 GM71CS17403C-6 GM71CS1 |
LED T5.5 24V12.5MA RED RoHS Compliant: Yes 4Mx4|5V|2K|5/6/7|FP/EDO DRAM - 16M 4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
|
Hynix Semiconductor Inc.
|
THM362020S-10 THM362020S-80 THM362020SG-10 THM3620 |
2097152 WORDS x 36BIT DYNAMIC RAM MODULE 2,097,152 WORDS x 36BIT DYNAMIC RAM MODULE 2/097/152 WORDS x 36BIT DYNAMIC RAM MODULE Chip-on-Glass (COG) Technology, 16 Characters x 2 Lines
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
PD42S65805 |
8,388,608 Words by 8 Bits CMOS dynamic RAMs(64M 动态RAM) 8388608位的CMOS400动态RAM动态存储器
|
NEC, Corp.
|
GM76C8128CL-55 GM76C8128CLLI-55 GM76C8128CLL-85 GM |
131,072 words x 8 bit CMOS static RAM, 55ns 131,072 words x 8 bit CMOS static RAM, low power, 55ns 131,072 words x 8 bit CMOS static RAM, low power, 85ns 131,072 words x 8 bit CMOS static RAM, 70ns
|
LG Semiconductor
|
KM44V4104BK KM44V4104B |
4M x 4Bit CMOS Dynamic RAM V(cc): -0.5 to 4.6V; 1W; 50mA; 4M x 4-bit CMOS dynamic RAM with extended data out
|
Samsung semiconductor Samsung Electronic
|
IC42S32200/L-6B IC42S32200/L-6BG IC42S32200/L-6BI |
512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM DYNAMIC RAM, SDRAM
|
Integrated Circuit Systems ICSI
|
CAT28LV64GI-20T CAT28LV64GI-15T CAT28LV64GA-20T CA |
DC-DC Converter, 2Watt, Input VDC: 5, Output VDC: 15, Max Output Current(A): 0.133, Package: SIP4, Isolation(VDC): 1000, Operating Temp. -40C to 85C, Low Ripple & Noise, High Efficiency up to 85%, Low Profile Plastic Case, Single Output 64K-Bit CMOS PARALLEL EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 8K X 8 EEPROM 3V, 200 ns, PDIP28 64K-Bit CMOS PARALLEL EEPROM
|
http:// EEPROM Abracon, Corp. Coilcraft, Inc. Vishay Intertechnology, Inc. Vicor, Corp. Catalyst Semiconductor
|
MB814265-70 MB814265-60 |
CMOS 256K ×16 BIT
Hyper Page Mode Dynamic RAM(CMOS 256K ×16 位超级页面存取模式动态RAM) CMOS 256K ×16 BIT Hyper Page Mode Dynamic RAM(CMOS 256K ×16 位超级页面存取模式动态RAM) 的CMOS 256K × 16位的超页模式动态RAM的CMOS56K × 16位超级页面存取模式动态内存) CMOS 256K ?16 BIT Hyper Page Mode Dynamic RAM(CMOS 256K ?16 浣??绾ч〉?㈠???ā寮????AM)
|
Fujitsu Limited Fujitsu, Ltd.
|
MB81V17805A-70L MB81V17805A-60L |
CMOS 2M ×8 BIT
Hyper Page Mode Dynamic RAM(CMOS 2M ×8 位超级页面存取模式动态RAM)
|
Fujitsu Limited
|
MB81V4400C-60 MB81V4400C-70 |
CMOS 1M x 4 Bit Fast Page Mode Dynamic RAM(CMOS 1M x 4位快速页模式动态RAM)
|
Fujitsu Limited
|
MB81V16165A-70L |
CMOS 1M ×16 BIT
Hyper Page Mode Dynamic RAM(CMOS 1M ×16 位超级页面存取模式动态RAM)
|
Fujitsu Limited
|